Part Number Hot Search : 
74HCT540 AP9414GM SE95DP DM74A DTA115 05040 10H60 90K65P
Product Description
Full Text Search
 

To Download CM6802 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO GENERAL DESCRIPTION
The CM6802 is a green PFC/PWM. It is the new generation of ML4802, ML4841, ML4801 and ML4824-2. Its system clock frequency is generated by the external RT and CT, and then its PWM frequency is 50% of the clock and its PFC frequency is 25% of the clock. CM6802 is designed to be pin-pin compatible with CM6800 family, ML4800 family and ML4824 family. Its PWM (DC to DC section) can be easily configured to Voltage Mode or Current Mode. The ! green mode function can easily be designed so during the no load condition, its input power can be less than 0.75Watt without shutting off PFC. Its PFC green mode threshold and ! the PWM green mode threshold can separately set by selecting the proper the RC filter at ISENSE pin (pin3) and CT on RAMP 1 pin (pin 7). Power Factor Correction (PFC) allows the use of smaller, lower cost bulk capacitors, reduces power line loading and stress on the switching FETs, and results in a power supply that fully compiles with IEC-1000-3-2 specifications. Intended as a BiCMOS version of the industry-standard CM6800, CM6802 includes circuits for the implementation of leading edge, average current, "boost" type power factor correction and a trailing edge, pulse width modulator (PWM). Both PFC and PWM Gate-driver with 0.5A capabilities minimizes the need for external driver circuits. Low power requirements improve efficiency and reduce component costs. An over-voltage comparator shuts down the PFC section in the event of a sudden decrease in load. The PFC section also includes peak current limiting and input voltage brownout protection. The PWM section can be operated in current or voltage mode, at up to 250kHz, and includes an accurate 50% duty cycle limit to prevent transformer saturation. When RAMP1 is 280KHz, fpfc is 70KHz and fpwm is 140KHz. ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! ! !
FEATURES
! Patent Number #5,565,761, #5,747,977, #5,742,151, #5,804,950, #5,798,635 fosc=2 x fpwm =4 x fpfc No bleed resistor required Before the chip wakes up, IAC can start up VCC Pin to pin Compatible with CM6800, ML4824 and ML4800 (It needs to modify the values of the external component to work properly). User Program PFC automatic green mode threshold (patented) User Program PWM automatic green mode threshold (patented) Input power less than 0.75Watt without shutting off PFC at no load condition. Additional folded-back current limit for PWM section. 23V Bi-CMOS process PWM pulse keeping for the green mode VIN OK guaranteed turn on PWM at 2.5V instead of 1.5V Internally synchronized leading edge PFC and trailing edge PWM in one IC Slew rate enhanced transconductance error amplifier for ultra-fast PFC response Low start-up current (30A typ.) Low operating current (3.0mA type.) Low total harmonic distortion, high PF Reduces ripple current in the storage capacitor between the PFC and PWM sections Average current, continuous or discontinuous boost leading edge PFC VCC OVP Comparator will turn off both PFC and PWM Low Power Detect Comparator Tri-Fault detect to meet UL1950 PWM configurable for current mode or voltage mode operation Current fed gain modulator for improved noise immunity Brown-out control, over-voltage protection, UVLO, and soft start, and Reference OK
24 Hours Technical Support---WebSIM
Champion provides customers an online circuit simulation tool called WebSIM. You could simply logon our website at www.champion-micro.com for details.
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 1
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO APPLICATIONS
! ! ! ! ! ! ! ! ! Desktop PC Power Supply Internet Server Power Supply IPC Power Supply UPS Battery Charger DC Motor Power Supply Monitor Power Supply Telecom System Power Supply Distributed Power
1 2 3 4 5 6 7 8 IEA O IAC ISENSE V RMS SS V DC R AM P 1 R AM P 2 V EA O VFB V REF VCC P FC O U T PWM OUT GND D C ILIMIT 16 15 14 13 12 11 10 9
PIN CONFIGURATION
SOP-16 (S16) / PDIP-16 (P16) Top View
PIN DESCRIPTION
Pin No.
1
Symbol
IEAO
Description
PFC transconductance current error amplifier output
Min.
0
Operating Voltage Typ. Max. Unit
4.25 V
2
IAC
PFC gain control reference input. Before the chip wakes up, IAC is connected to VCC. After the chip wakes up, IAC is connected to AGC.
0
1
mA
3
ISENSE
Current sense input to the PFC current limit comparator
-5
0.7
V
4
VRMS
Input for PFC RMS line voltage compensation
0
6
V
5
SS
Connection point for the PWM soft start capacitor
0
8
V
6
VDC
PWM voltage feedback input
0
8
V
7
RAMP 1 (RTCT)
Oscillator timing node; timing set by RT CT
1.2
3.9
V
8
RAMP 2
When in current mode, this pin functions as the current sense input; when in voltage mode, it is the PWM input from PFC (PWM RAMP) output (feed forward ramp). DC ILIMIT PWM current limit comparator input
0
6
V
9
0
1
V
10
GND
Ground
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 2
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
11 PWM OUT PWM driver output 0 VCC V
12
PFC OUT
PFC driver output
0
VCC
V
13
VCC
Positive supply
10
15
20
V
14
VREF
Buffered output for the internal 7.5V reference
7.5
V
15
VFB
PFC transconductance voltage error amplifier input PFC transconductance voltage error amplifier output
0
2.5
3
V
16
VEAO
0
6
V
BLOCK DIAGRAM
16 VEAO IEAO 1 13 VCC
VCC 19.4V
VCC OVP
+ +
PFC OVP
.
7.5V REFERENCE
VREF 14
15
VFB
-
GMv
.
VCC IAC VRMS 4 ISENSE
2.5V
+ . + -
2
GAIN MODULATOR 3.5K
3
7
RAMP1
350 DUTY CYCLE
SW SPST
8
RAMP2
6
VDC
Vcc
-
20uA 350 SS
SW SPST SW SPST SW SPST
VIN OK
VREF
Q S
9
DC ILIMIT
R
2003/06/25 Preliminary
Champion Microelectronic Corporation
+
5
2.45V
+
-
+
+
1.5V
+ -
0.5V
-
LOW POWER DETECT 3.5K
+
2.75V GMi
-
PFC CMP
S
Q
POWER FACTOR CORRECTOR
MPPFC
R
Q
VCC PFC OUT
-1V
+ S Q
12
PFC ILIMIT
R Q MNPFC
GND OSCILLATOR
CLK
PWM DUTY
PFCOUT PWMOUT
LIMIT
PWM CMP
MPPWM
VCC
PWM OUT SS CMP VFB
. S Q
11
R
Q MNPWM
1.0V
DC ILIMIT
GND
PULSE WIDTH MODULATOR
VCC UVLO GND fosc=2xfpwm=4xfpfc 10
Page 3
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO ORDERING INFORMATION
Part Number CM6802IP CM6802IS Temperature Range -40 to 125 -40 to 125 Package 16-Pin PDIP (P16) 16-Pin SOP (S16)
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are those values beyond which the device could be permanently damaged.
Parameter
VCC IEAO ISENSE Voltage PFC OUT PWMOUT Voltage on Any Other Pin IREF IAC Input Current Peak PFC OUT Current, Source or Sink Peak PWM OUT Current, Source or Sink PFC OUT, PWM OUT Energy Per Cycle Junction Temperature Storage Temperature Range Operating Temperature Range Lead Temperature (Soldering, 10 sec) Thermal Resistance (JA) Plastic DIP Plastic SOIC
Min.
0 -5 GND - 0.3 GND - 0.3 GND - 0.3
Max.
20 4.5 0.7 VCC + 0.3 VCC + 0.3 VREF + 0.3 10 1 1 1 1.5 150 150 125 260 80 105
Units
V V V V V V mA mA A A J /W /W
-65 -40
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply Vcc=+15V, RT
= 5.0k, CT = 1.0nF, TA=Operating Temperature Range (Note 1) CM6802 Min. 0 VNONINV = VINV, VEAO = 3.75V Note 2 30 2.45 -1.0 5.8 VFB = 3V, VEAO = 6V VFB = 1.5V, VEAO = 1.5V 11V < VCC < 16.5V Current Error Amplifier (gmi) Input Voltage Range Transconductance Input Offset Voltage VNONINV = VINV, VEAO = 3.75V -1.5 50 -12 100 0.7 150 12 V mho mV 30 50 50 65 2.5 -0.5 6.0 0.1 -35 40 60 60 0.4 -20 Typ. Max. 6 90 2.55
Symbol
Parameter
Test Conditions Voltage Error Amplifier (gmv)
Unit
Input Voltage Range Transconductance Feedback Reference Voltage Input Bias Current Output High Voltage Output Low Voltage Sink Current Source Current Open Loop Gain Power Supply Rejection Ratio
V mho V A V V A A dB dB
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 4
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO ELECTRICAL CHARACTERISTICS (Conti.) Unless otherwise stated, these specifications apply
Vcc=+15V, RT = 5.0k, CT = 1.0nF, TA=Operating Temperature Range (Note 1) CM6802 Min. -1.0 4.0 ISENSE = +0.5V, IEAO = 4.0V ISENSE = -0.5V, IEAO = 1.5V 11V < VCC < 16.5V PFC OVP Comparator Threshold Voltage Hysteresis Low Power Detect Comparator Threshold Voltage Hystersis VCC OVP Comparator Threshold Voltage Hysteresis PFC ILIMIT Comparator Threshold Voltage (PFC ILIMIT VTH - Gain Modulator Output) Delay to Output (Note 4) Threshold Voltage Delay to Output (Note 4) Threshold Voltage Hysteresis GAIN Modulator IAC = 100A, VRMS = VFB = 1V Gain (Note 3) IAC = 100A, VRMS = 1.1V, VFB = 1V IAC = 150A, VRMS = 1.8V, VFB = 1V IAC = 300A, VRMS = 3.3V, VFB = 1V Bandwidth Output Voltage = 3.5K*(ISENSE-IOFFSET) PFC Initial Accuracy Voltage Stability Temperature Stability IAC = 100A IAC = 250A, VRMS = 1.1V, VFB = 1V Oscillator TA = 25 11V < VCC < 16.5V 0.70 0.59 1.47 0.66 0.21 10 0.80 0.90 0.81 2.03 0.92 0.29 MHz V Overdrive Voltage = 100mV VIN OK Comparator 2.35 0.8 2.45 1.0 2.55 1.2 V V Overdrive Voltage = -100mV DC ILIMIT Comparator 0.95 1.0 250 1.05 V ns -1.10 80 -1.00 200 250 -0.90 V mV ns 19 1.40 19.4 1.5 20 1.65 V V 0.4 0.5 0.25 0.6 V V 2.70 230 2.77 2.85 290 V mV 35 60 60 Typ. -0.5 4.25 0.65 -65 75 70 75 1.0 -35 Max.
Symbol
Parameter Input Bias Current Output High Voltage Output Low Voltage Sink Current Source Current Open Loop Gain Power Supply Rejection Ratio
Test Conditions
Unit A V V A A dB dB
66 1 2
75.5
kHz % %
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 5
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO ELECTRICAL CHARACTERISTICS
(Conti.) Unless otherwise stated, these specifications apply
Vcc=+15V, RT = 5.0k, CT = 1.0nF, TA=Operating Temperature Range (Note 1) CM6802 Min. 68 2.5 500 VRAMP2 = 0V, VRAMP1 = 2.5V Reference Output Voltage Line Regulation Load Regulation Temperature Stability Total Variation Long Term Stability Minimum Duty Cycle Maximum Duty Cycle Output Low Rdson Output Low Voltage Output High Rdson Output High Voltage Rise/Fall Time (Note 4) Duty Cycle Range Output Low Rdson Output Low Voltage Output High Rdson Output High Voltage Rise/Fall Time (Note 4) Start-Up Current Operating Current Undervoltage Lockout Threshold Undervoltage Lockout Hysteresis IOUT = 100mA, VCC = 15V at room temp CL = 1000pF Supply VCC = 12V, CL = 0 14V, CL = 0 CM6802 CM6802 14.7 4.85 15 5.0 30 50 3.0 15.3 5.15 A mA V V 13.5 IOUT = -100mA at room temp IOUT = -10mA, VCC = 8V at room temp IOUT = 100mA, VCC = 15V at room temp CL = 1000pF PWM 0-49.5 15 0.8 0.7 30 14.2 50 0-50 22.5 1.5 1.5 45 % ohm V V ohm V ns 13.5 IOUT = -100mA at room temp IOUT = -10mA, VCC = 8V at room temp Line, Load, Temp TJ = 125, 1000HRs PFC VIEAO > 4.0V VIEAO < 1.2V 90 95 15 0.8 0.4 30 14.2 50 22.5 1.5 0.8 45 0 % % ohm V V ohm V ns 7.35 5 TA = 25, I(VREF) = 1mA 11V < VCC < 16.5V 0mA < I(VREF) < 7mA; TA = 0~70 0mA < I(VREF) < 5mA; TA = -40~85 7.4 7.5 10 10 10 0.4 7.65 25 7.6 25 20 20 V mV mV mV % V mV 6.5 700 10.5 Typ. Max. 84
Symbol
Parameter Total Variation Ramp Valley to Peak Voltage PFC Dead Time (Note 4) CT Discharge Current
Test Conditions Line, Temp
Unit kHz V ns mA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions. Note 2: Includes all bias currents to other circuits connected to the VFB pin. Note 3: Gain = K x 5.375V; K = (ISENSE - IOFFSET) x [IAC (VEAO - 0.625)] ; VEAOMAX = 6V Note 4: Guaranteed by design, not 100% production test.
-1
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 6
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO TYPICAL PERFORMANCE CHARACTERISTIC
127 120 Transconductance (umho) 113 106 99 92 85 78 71 64 57 2 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 VFB (V) 3
Transconductance (umho)
220 200 180 160 140 120 100 80 60 40 20 0
-500 -400 -300 -200 -100 0 100 200 300 400 500
ISENSE (mV)
Voltage Error Amplifier (gmv) Transconductance
Current Error Amplifier (gmi) Transconductance
2.2
0.4 Variable Gain Block Constant (K) 0.35 0.3 0.25 Gain 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 VRMS (V) 0.2 0.15 0.1 0.05 0
2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
VRMS (V)
Gain Modulator Transfer Characteristic (K)
Gain
K=
-1 IGAINMOD - IOFFSET mV IAC x (6 - 0.625)
Gain =
ISENSE - IOFFSET IAC
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 7
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
Functional Description
The CM6802 consists of an average current controlled, continuous boost Power Factor Correction (PFC) front end and a synchronized Pulse Width Modulator (PWM) back end. The PWM can be used in either current or voltage mode. In voltage mode, feedforward from the PFC output buss can be used to improve the PWM's line regulation. In either mode, the PWM stage uses conventional trailing edge duty cycle modulation, while the PFC uses leading edge modulation. This patented leading/trailing edge modulation technique results in a higher usable PFC error amplifier bandwidth, and can significantly reduce the size of the PFC DC buss capacitor. The synchronized of the PWM with the PFC simplifies the PWM compensation due to the controlled ripple on the PFC output capacitor (the PWM input capacitor). The PWM section of the CM6802 runs at the same frequency as the PFC. In addition to power factor correction, a number of protection features have been built into the CM6802. These include soft-start, PFC overvoltage protection, peak current limiting, brownout protection, duty cycle limiting, and under-voltage lockout.
Green Mode Function
Both PFC Green Mode and PWM Green Mode can be set separately by selecting proper external value of the external components. These 2 external components are CT on the pin 7, RAMP1 pin and the filter resistor at pin 3, ISENSE pin. Both Blue Angel and Energy Star spec. can be easily met without shutting off PFC because in CM6802, both PFC and PWM can set the green mode thresholds. Once the green mode threshold is triggered, the section will go to pulse skipping mode. To Disable PFC Green Mode, a 1 Mega ohm resistor is needed between IEAO(pin1) and VREF(pin14).
PFC Green Mode Threshold
During the light load, VEAO voltage will reduce. When VEAO is less than 0.5V, It will turn off PFC. It has 0.25V hysteresis. If the light load condition continues, the PFC section will stay at pulse skipping condition without audible noise since the input power is minimal because VEAO is around 0.75V. PFC Green Mode Threshold is set by selecting proper Rs which is the resistor of the RC filter at Isense pin. Its typical value is from 30 ohm to 300 ohm. If the Rs value is below 30 ohm, and if a 1 Mega ohm resistor is needed between IEAO(pin1) and VREF(pin14), PFC will not pulse skipping. During the pulse skipping, the reading of the power meter can not be trust. It will need to integrate the real power than average it with the time to get the average power. To further reduce the power and improve the light load efficiency, the values of resistor dividers at VFB and VRMS need to be doubled or tripled. However, it will increase the layout sensitivity. To Disable PFC Green Mode, a 1 Mega ohm resistor is needed between IEAO(pin1) and VREF(pin14).
Oscillator (RAMP1)
The oscillator frequency is determined by the values of RT and CT, which determine the ramp and off-time of the oscillator output clock:
1 which is the internal clock tRAMP + tDEADTIME frequency, fosc=2 x fpwm= 4 x fpfc
fOSC = The Clock period of the oscillator is derived from the following equation: tRAMP = CT x RT x In VREF - 1.25 VREF - 3.75 at VREF = 7.5V: tRAMP = CT x RT x 0.51 The dead time of the oscillator may be determined using: tDEADTIME =
2.5V x CT = 450 x CT 5.5mA
PWM Green Mode Threshold
During the light load, PWM section duty cycle also reduces. When the PWM section duty cycle is less than the internal clock duty cycle which is set by the CT at RAMP1, pin 7, the PWM section will start pulse skipping. By selecting the proper CT, user can program the PWM Green Mode Threshold. Usually, CT is 1nF.
EXAMPLE: For the application circuit shown in the datasheet, with the oscillator running at: fOSC = 280kHz =
Power Factor Correction
Power factor correction makes a nonlinear load look like a resistive load to the AC line. For a resistor, the current drawn from the line is in phase with and proportional to the line voltage, so the power factor is unity (one). A common class of nonlinear load is the input of most power supplies, which use a bridge rectifier and capacitive input filter fed from the line. The peak-charging effect, which occurs on the input filter capacitor in these supplies, causes brief high-amplitude pulses of current to flow from the power line, rather than a sinusoidal current in phase with the line voltage.
1 tRAMP
= 2 x fpwm = 4 x fpfc. Here, fpwm
=140KHz and fpfc=70KHz. Selecting standard components values, CT = 1.0nF, and RT = 5.0k
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 8
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
Such supplies present a power factor to the line of less than one (i.e. they cause significant current harmonics of the power line frequency to appear at their input). If the input current drawn by such a supply (or any other nonlinear load) can be made to follow the input voltage in instantaneous amplitude, it will appear resistive to the AC line and a unity power factor will be achieved. To hold the input current draw of a device drawing power from the AC line in phase with and proportional to the input voltage, a way must be found to prevent that device from loading the line except in proportion to the instantaneous line voltage. The PFC section of the CM6802 uses a boost-mode DC-DC converter to accomplish this. The input to the converter is the full wave rectified AC line voltage. No bulk filtering is applied following the bridge rectifier, so the input voltage to the boost converter ranges (at twice line frequency) from zero volts to the peak value of the AC input and back to zero. By forcing the boost converter to meet two simultaneous conditions, it is possible to ensure that the current drawn from the power line is proportional to the input line voltage. One of these conditions is that the output voltage of the boost converter must be set higher than the peak value of the line voltage. A commonly used value is 385VDC, to allow for a high line of 270VACrms. The other condition is that the current drawn from the line at any given instant must be proportional to the line voltage. Establishing a suitable voltage control loop for the converter, which in turn drives a current error amplifier and switching output driver satisfies the first of these requirements. The second requirement is met by using the rectified AC line voltage to modulate the output of the voltage control loop. Such modulation causes the current error amplifier to command a power stage current that varies directly with the input voltage. In order to prevent ripple, which will necessarily appear at the output of boost circuit (typically about 10VAC on a 385V DC level), from introducing distortion back through the voltage error amplifier, the bandwidth of the voltage loop is deliberately kept low. A final refinement is to adjust the overall gain of the PFC such to be proportional to 1/VIN2, which linearizes the transfer function of the system as the AC input to voltage varies. Since the boost converter topology in the CM6802 PFC is of the current-averaging type, no slope compensation is required. 1. A current representing the instantaneous input voltage (amplitude and waveshape) to the PFC. The rectified AC input sine wave is converted to a proportional current via a resistor and is then fed into the gain modulator at IAC. Sampling current in this way minimizes ground noise, as is required in high power switching power conversion environments. The gain modulator responds linearly to this current. 2. A voltage proportional to the long-term RMS AC line voltage, derived from the rectified line voltage after scaling and filtering. This signal is presented to the gain modulator at VRMS. The gain modulator's output is inversely 2 proportional to VRMS (except at unusually low values of VRMS where special gain contouring takes over, to limit power dissipation of the circuit components under heavy brownout conditions). The relationship between VRMS and gain is called K, and is illustrated in the Typical Performance Characteristics. The output of the voltage error amplifier, VEAO. The gain modulator responds linearly to variations in this voltage. The output of the gain modulator is a current signal, in the form of a full wave rectified sinusoid at twice the line frequency. This current is applied to the virtual-ground (negative) input of the current error amplifier. In this way the gain modulator forms the reference for the current error loop, and ultimately controls the instantaneous current draw of the PFC form the power line. The general for of the output of the gain modulator is: IGAINMOD =
IAC x VEAO x 1V VRMS2
(1)
More exactly, the output current of the gain modulator is given by: IGAINMOD = K x (VEAO - 0.625V) x IAC Where K is in units of V
-1
Note that the output current of the gain modulator is limited around 228.47A and the maximum output voltage of the gain modulator is limited to 228.47uA x 3.5K=0.8V. This 0.8V also will determine the maximum input power. However, IGAINMOD cannot be measured directly from ISENSE. ISENSE = IGAINMOD-IOFFSET and IOFFSET can only be measured when VEAO is less than 0.5V and IGAINMOD is 0A. Typical IOFFSET is around 60uA. IAC Typically, it has a feedforward resistor, RAC, less than 500K ohm resistor connected between this pin and rectified line input voltage. During the startup condition, it supplies the startup current; therefore, the system does not require additional bleed resistor to start up the chip.
PFC Section
Gain Modulator Figure 1 shows a block diagram of the PFC section of the CM6802. The gain modulator is the heart of the PFC, as it is this circuit block which controls the response of the current loop to line voltage waveform and frequency, rms line voltage, and PFC output voltages. There are three inputs to the gain modulator. These are:
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 9
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
Selecting RAC for IAC pin IAC pin is the input of the gain modulator. IAC also is a current mirror input and it requires current input. By selecting a proper resistor RAC, it will provide a good sine wave current derived from the line voltage and it also helps program the maximum input power and minimum input line voltage. RAC=Vin peak x 7.9K. For example, if the minimum line voltage is 80VAC, the RAC=80 x 1.414 x 7.9K=894Kohm. Current Error Amplifier, IEAO The current error amplifier's output controls the PFC duty cycle to keep the average current through the boost inductor a linear function of the line voltage. At the inverting input to the current error amplifier, the output current of the gain modulator is summed with a current which results from a negative voltage being impressed upon the ISENSE pin. The negative voltage on ISENSE represents the sum of all currents flowing in the PFC circuit, and is typically derived from a current sense resistor in series with the negative terminal of the input bridge rectifier. In higher power applications, two current transformers are sometimes used, one to monitor the IF of the boost diode. As stated above, the inverting input of the current error amplifier is a virtual ground. Given this fact, and the arrangement of the duty cycle modulator polarities internal to the PFC, an increase in positive current from the gain modulator will cause the output stage to increase its duty cycle until the voltage on ISENSE is adequately negative to cancel this increased current. Similarly, if the gain modulator's output decreases, the output duty cycle will decrease, to achieve a less negative voltage on the ISENSE pin. To Disable PFC Green Mode, a 1 Mega ohm resistor is needed between IEAO(pin1) and VREF(pin14). This 1 Mega ohm resistor will reduce the DC gain but it will not impact the performance. Cycle-By-Cycle Current Limiter and Selecting RS The ISENSE pin, as well as being a part of the current feedback loop, is a direct input to the cycle-by-cycle current limiter for the PFC section. Should the input voltage at this pin ever be more negative than -1V, the output of the PFC will be disabled until the protection flip-flop is reset by the clock pulse at the start of the next PFC power cycle. RS is the sensing resistor of the PFC boost converter. During the steady state, line input current x RS = IGAINMOD x 3.5K. Since the maximum output voltage of the gain modulator is IGAINMOD max x 3.5K= 0.8V during the steady state, RS x line input current will be limited below 0.8V as well. Therefore, to choose RS, we use the following equation: RS =0.7V x Vinpeak/(2x Line Input power) For example, if the minimum input voltage is 80VAC, and the maximum input rms power is 200Watt, RS = (0.7V x 80V x 1.414)/(2 x 200) = 0.197 ohm. PFC OVP In the CM6802, PFC OVP comparator serves to protect the power circuit from being subjected to excessive voltages if the load should suddenly change. A resistor divider from the high voltage DC output of the PFC is fed to VFB. When the voltage on VFB exceeds 2.75V, the PFC output driver is shut down. The PWM section will continue to operate. The OVP comparator has 250mV of hysteresis, and the PFC will not restart until the voltage at VFB drops below 2.50V. The VFB power components and the CM6802 are within their safe operating voltages, but not so low as to interfere with the boost voltage regulation loop. Also, VCC OVP can be served as a redundant PFCOVP protection. VCC OVP threshold is 19.4V with 1.5V hysteresis.
Figure 1. PFC Section Block Diagram
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 10
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
Error Amplifier Compensation The PWM loading of the PFC can be modeled as a negative resistor; an increase in input voltage to the PWM causes a decrease in the input current. This response dictates the proper compensation of the two transconductance error amplifiers. Figure 2 shows the types of compensation networks most commonly used for the voltage and current error amplifiers, along with their respective return points. The current loop compensation is returned to VREF to produce a soft-start characteristic on the PFC: as the reference voltage comes up from zero volts, it creates a differentiated voltage on IEAO which prevents the PFC from immediately demanding a full duty cycle on its boost converter. PFC Voltage Loop There are two major concerns when compensating the voltage loop error amplifier, VEAO; stability and transient response. Optimizing interaction between transient response and stability requires that the error amplifier's open-loop crossover frequency should be 1/2 that of the line frequency, or 23Hz for a 47Hz line (lowest anticipated international power frequency). The gain vs. input voltage of the CM6802's voltage error amplifier, VEAO has a specially shaped non-linearity such that under steady-state operating conditions the transconductance of the error amplifier is at a local minimum. Rapid perturbation in line or load conditions will cause the input to the voltage error amplifier (VFB) to deviate from its 2.5V (nominal) value. If this happens, the transconductance of the voltage error amplifier will increase significantly, as shown in the Typical Performance Characteristics. This raises the gain-bandwidth product of the voltage loop, resulting in a much more rapid voltage loop response to such perturbations than would occur with a conventional linear gain characteristics. The Voltage Loop Gain (S) voltage amplifier, to prevent interaction with the voltage loop. It should also be limited to less than 1/6th that of the switching frequency, e.g. 16.7kHz for a 100kHz switching frequency. The Current Loop Gain (S)
VISENSE DOFF IEAO * * DOFF IEAO ISENSE VOUTDC * RS * GMI * ZCI S * L * 2.5V =
ZCI: Compensation Net Work for the Current Loop GMI: Transconductance of IEAO VOUTDC: PFC Boost Output Voltage; typical designed value is 380V and we use the worst condition to calculate the ZCI RS: The Sensing Resistor of the Boost Converter 2.5V: The Amplitude of the PFC Leading Modulation Ramp L: The Boost Inductor There is a modest degree of gain contouring applied to the transfer characteristic of the current error amplifier, to increase its speed of response to current-loop perturbations. However, the boost inductor will usually be the dominant factor in overall current loop response. Therefore, this contouring is significantly less marked than that of the voltage error amplifier. This is illustrated in the Typical Performance Characteristics. ISENSE Filter, the RC filter between RS and ISENSE : There are 3 purposes to add a filter at ISENSE pin: 1.) Protection: During start up or inrush current conditions, it will have a large voltage cross Rs which is the sensing resistor of the PFC boost converter. It requires the ISENSE Filter to attenuate the energy. 2.) To reduce L, the Boost Inductor: The ISENSE Filter also can reduce the Boost Inductor value since the ISENSE Filter behaves like an integrator before going ISENSE which is the input of the current error amplifier, IEAO. 3.) By selecting the proper Rs, it can change the PFC Green Mode threshold. Typical value is from 50 ohm (No Skipping) to 100 ohm. The ISENSE Filter is a RC filter. The resistor value of the ISENSE Filter is between 100 ohm and 50 ohm because IOFFSET x the resistor can generate an offset voltage of IEAO. By selecting RFILTER equal to 50 ohm will keep the offset of the IEAO less than 5mV. Usually, we design the pole of ISENSE Filter at fpfc/6, one sixth of the PFC switching frequency. Therefore, the boost inductor can be reduced 6 times without disturbing the stability. Therefore, the capacitor of the ISENSE Filter, CFILTER, will be around 283nF.
VOUT VFB VEAO * * VEAO VOUT VFB PIN * 2.5V * GMV * ZCV 2 VOUTDC * VEAO * S * CDC =
ZCV: Compensation Net Work for the Voltage Loop GMv: Transconductance of VEAO PIN: Average PFC Input Power VOUTDC: PFC Boost Output Voltage; typical designed value is 380V. CDC: PFC Boost Output Capacitor PFC Current Loop The current amplifier, IEAO compensation is similar to that of the voltage error amplifier, VEAO with exception of the choice of crossover frequency. The crossover frequency of the current amplifier should be at least 10 times that of the
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 11
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
PWM Section
Pulse Width Modulator The PWM section of the CM6802 is straightforward, but there are several points which should be noted. Foremost among these is its inherent synchronization to the PFC section of the device, from which it also derives its basic timing. The PWM is capable of current-mode or voltage-mode operation. In current-mode applications, the PWM ramp (RAMP2) is usually derived directly from a current sensing resistor or current transformer in the primary of the output stage, and is thereby representative of the current flowing in the converter's output stage. DCILIMIT, which provides cycle-by-cycle current limiting, is typically connected to RAMP2 in such applications. For voltage-mode, operation or certain specialized applications, RAMP2 can be connected to a separate RC timing network to generate a voltage ramp against which VDC will be compared. Under these conditions, the use of voltage feedforward from the PFC buss can assist in line regulation accuracy and response. As in current mode operation, the DC ILIMIT input is used for output stage overcurrent protection. No voltage error amplifier is included in the PWM stage of the CM6802, as this function is generally performed on the output side of the PWM's isolation boundary. To facilitate the design of optocoupler feedback circuitry, an offset has been built into the PWM's RAMP2 input which allows VDC to command a zero percent duty cycle for input voltages below 1.25V.
PWM Current Limit The DC ILIMIT pin is a direct input to the cycle-by-cycle current limiter for the PWM section. Should the input voltage at this pin ever exceed 1V, the output flip-flop is reset by the clock pulse at the start of the next PWM power cycle. Beside, the cycle-by-cycle current, when the DC ILIMIT triggered the cycle-by-cycle current, it also softly discharge the voltage of soft start capacitor. It will limit PWM duty cycle mode. Therefore, the power dissipation will be reduced during the dead short condition. VIN OK Comparator The VIN OK comparator monitors the DC output of the PFC and inhibits the PWM if this voltage on VFB is less than its nominal 2.45V. Once this voltage reaches 2.45V, which corresponds to the PFC output capacitor being charged to its rated boost voltage, the soft-start begins. PWM Control (RAMP2) When the PWM section is used in current mode, RAMP2 is generally used as the sampling point for a voltage representing the current on the primary of the PWM's output transformer, derived either by a current sensing resistor or a current transformer. In voltage mode, it is the input for a ramp voltage generated by a second set of timing components (RRAMP2, CRAMP2), that will have a minimum value of zero volts and should have a peak value of approximately 5V. In voltage mode operation, feedforward from the PFC output buss is an excellent way to derive the timing ramp for the PWM stage.
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 12
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
Soft Start Start-up of the PWM is controlled by the selection of the external capacitor at SS. A current source of 20A supplies the charging current for the capacitor, and start-up of the PWM begins at 1.25V. Start-up delay can be programmed by the following equation: CSS = tDELAY x
20A 1.25V
where CSS is the required soft start capacitance and the tDEALY is the desired start-up delay. It is important that the time constant of the PWM soft-start allow the PFC time to generate sufficient output power for the PWM section. The PWM start-up delay should be at least 5ms. Solving for the minimum value of CSS: CSS = 5ms x
Generating VCC After turning on CM6802 at 15V, the operating voltage can vary from 10V to 19.4V. The threshold voltage of VCC OVP comparator is 19.4V. The hysteresis of VCC OVP is 1.5V. When VCC see 19.4V, PFCOUT will be low, and PWM section will not be disturbed. That's the two ways to generate VCC. One way is to use auxiliary power supply around 15V, and the other way is to use bootstrap winding to self-bias CM6802 system. The bootstrap winding can be either taped from PFC boost choke or from the transformer of the DC to DC stage. The ratio of winding transformer for the bootstrap should be set between 18V and 15V. A filter network is recommended between VCC (pin 13) and bootstrap winding. The resistor of the filter can be set as following. RFILTER x IVCC ~ 2V, IVCC = IOP + (QPFCFET + QPWMFET ) x fsw IOP = 3mA (typ.) If anything goes wrong, and VCC goes beyond 19.4V, the PFC gate (pin 12) drive goes low and the PWM gate drive (pin 11) remains function. The resistor's value must be chosen to meet the operating current requirement of the CM6802 itself (3mA, max.) plus the current required by the two gate driver outputs.
20A = 80nF 1.25V
Caution should be exercised when using this minimum soft start capacitance value because premature charging of the SS capacitor and activation of the PWM section can result if VFB is in the hysteresis band of the VIN OK comparator at start-up. The magnitude of VFB at start-up is related both to line voltage and nominal PFC output voltage. Typically, a 1.0F soft start capacitor will allow time for VFB and PFC out to reach their nominal values prior to activation of the PWM section at line voltages between 90Vrms and 265Vrms.
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 13
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
EXAMPLE: With a wanting voltage called, VBIAS ,of 18V, a VCC of 15V and the CM6802 driving a total gate charge of 90nC at 100kHz (e.g. 1 IRF840 MOSFET and 2 IRF820 MOSFET), the gate driver current required is: IGATEDRIVE = 100kHz x 90nC = 9mA RBIAS =
VBIAS - VCC ICC + IG
18V - 15V 5mA + 9mA
In case of leading edge modulation, the switch is turned OFF right at the leading edge of the system clock. When the modulating ramp reaches the level of the error amplifier output voltage, the switch will be turned ON. The effective duty-cycle of the leading edge modulation is determined during OFF time of the switch. Figure 5 shows a leading edge control scheme. One of the advantages of this control technique is that it required only one system clock. Switch 1(SW1) turns off and switch 2 (SW2) turns on at the same instant to minimize the momentary "no-load" period, thus lowering ripple voltage generated by the switching action. With such synchronized switching, the ripple voltage of the first stage is reduced. Calculation and evaluation have shown that the 120Hz component of the PFC's output ripple voltage can be reduced by as much as 30% using this method.
RBIAS =
Choose RBIAS = 214 The CM6802 should be locally bypassed with a 1.0F ceramic capacitor. In most applications, an electrolytic capacitor of between 47F and 220F is also required across the part, both for filtering and as part of the start-up bootstrap circuitry.
Leading/Trailing Modulation
Conventional Pulse Width Modulation (PWM) techniques employ trailing edge modulation in which the switch will turn on right after the trailing edge of the system clock. The error amplifier output is then compared with the modulating ramp up. The effective duty cycle of the trailing edge modulation is determined during the ON time of the switch. Figure 4 shows a typical trailing edge control scheme.
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 14
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO APPLICATION CIRCUIT (Current Mode)
+12V OUT R18 R22 R25 +12V Return C22 C21 +12V C24 R24 R23 R26 C23 U3 U2 L2 D11B R16 T2C TP1 C10 R13 D6 D5 Q5 RAMP2 R9 R20B C17 R20A REF Q2 Q3 R29 R30 D4 R11 C14 C13 D15 C16 C15 D10 C9 C8 R19 R14 VCC C17 C20 T1B R15 T1A R10 R6 C31 R8 16 15 14 13 12 11 10 RAMP1 GND VDC PWM-OUT PFC-OUT VEAO C7 R12 VRMS C12 D1 Q1 D9 L1 R28 D8 C30 C18 VDC R1A R1B R28 C2 C33 + D12 D13 R4 D14 C3 C32 C19 R3 RAMP2 ILIMIT I-SENSE VREF VFB CM6802 IEAO IAC VCC C6 SS 9 D3 D2 C4
R30
D7
R17 C25
R7A
T2A R7B C5
+382V
T2B
D11A
C11
1
2
3
4
5
6
7 R5D R5C R5B R5A
R21
R2A
R2B
-
C1
VIN AC
2003/06/25 Preliminary
Champion Microelectronic Corporation
R5E
8
Page 15
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO APPLICATION CIRCUIT (Voltage Mode)
R5 IVIN_EMC L2
EMC FILTER
L3
R3 RT1 IVIN IVIN IAC D4 PFC_VIN PFC_VIN IBOOT Q3 Q4 R26 18k C23 470p R17A VFB C55A R65A D10 MUR1100 C10 R24 R25 10k 22 R16A IC10 IL1 L1 D5
D5
PFC_Vout
PFC_Vout
VIN AC
R2
C3
C8
R1
C2
R10
R12
R14
C33 100n
Q1 Q2N2222 Q2 Q2N904
D12
PFC_DC
R22 22
1N4148 R11 R18 R13 R15 R23 75
D6 1N4002
D7 C41 1N4002 R64 R59 C30 R58 C43
IEAO U2 CM6802 1 IEAO VEAO 2 ISENSE R60 VRMS SS R66 C47 VREF VDC 3 4 5 6 7 C44 R56 C45 R57 VCC 8 IAC VFB
16 15 14 13 12 11 10 9 PWM_OUT VCC VREF
VEAO
I-SENSE VREF VRMS SS VCC PFC-OUT
VREF C52 1u C53 100n R63 C57 C56 VCC C54
C46
VDC PWM-OUT RAMP1 RAMP2 GND ILIMIT
ZD2
R62 C48 C49 C50 ILIMIT R61 470 C51 ILIMIT
R44 C4
ISO1 VDC
PFC_Vout C7 10n
PWM_IN R27 100k C22 10n
C14
R34 C38 4.7 IL4 L4 L5 IC17 IC18 C18 C19 PWM_Rload 500m PWM_Vout C39 ILOAD R45 U1 CM431 R48
10n D9A
R49 R46 C40 R43
D8 D13 MUR1100 MUR1100 T1 D9B
R35 4.7 C22 10n
C17
C15 10n VCC IBIAS C34 100n Q6 Q2N2222 PWM_DC PFC_OUT Q7 Q2N904 D16 1N4148 R28 T 2:3 22 R29 10k ILIMIT R31 ZD1 6.8V Q3 R32A C31 R33 R32 VCC
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 16
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO PACKAGE DIMENSION
16-PIN PDIP (P16)
PIN 1 ID
16-PIN SOP (S16)
PIN 1 ID
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 17
CM6802
NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO IMPORTANT NOTICE
Champion Microelectronic Corporation (CMC) reserves the right to make changes to its products or to discontinue any integrated circuit product or service without notice, and advises its customers to obtain the latest version of relevant information to verify, before placing orders, that the information being relied on is current. A few applications using integrated circuit products may involve potential risks of death, personal injury, or severe property or environmental damage. CMC integrated circuit products are not designed, intended, authorized, or warranted to be suitable for use in life-support applications, devices or systems or other critical applications. Use of CMC products in such applications is understood to be fully at the risk of the customer. In order to minimize risks associated with the customer's applications, the customer should provide adequate design and operating safeguards.
HsinChu Headquarter
5F, No. 11, Park Avenue II, Science-Based Industrial Park, HsinChu City, Taiwan T E L : +886-3-567 9979 F A X : +886-3-567 9909 http://www.champion-micro.com
Sales & Marketing
11F, No. 306-3, Sec. 1, Ta Tung Rd., Hsichih, Taipei Hsien 221 Taiwan, R.O.C. T E L : +886-2-8692 1591 F A X : +886-2-8692 1596
2003/06/25 Preliminary
Champion Microelectronic Corporation
Page 18


▲Up To Search▲   

 
Price & Availability of CM6802

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X